PART |
Description |
Maker |
UPD424440LE-70 UPD424440LE-60 UPD424440LE-80 UPD42 |
MoBL® 8-Mbit (1024K x 8) Static RAM MoBL® 8-Mbit (512K x 16) Static RAM CY62167DV30 MoBL® - 16-Mbit (1M x 16) Static RAM x4 Fast Page Mode DRAM x4快速页面模式的DRAM
|
Vishay Intertechnology, Inc.
|
CY7C1010DV33-10ZSXIT |
2-Mbit (256 K 8) Static RAM
|
Cypress
|
BB4EG BB4GK BB4KLX BB4JKX BB4DF BB4NPX |
MoBL® 8-Mbit (512K x 16) Static RAM MoBL® 32-Mbit (2M x 16) Static RAM MoBL® 16-Mbit (1M x 16) Static RAM "SHIELDING BAG 16 X 18"" Inhalt pro Packung: 10 Stk. “屏蔽袋16 X 18”,“Inhalt亲Packung0沙头角。
|
ON Semiconductor
|
P4C422-25DC P4C422-25DMB P4C422-12FC P4C422-15FC P |
HIGH SPEED 256 x 4 STATIC CMOS RAM 256 X 4 STANDARD SRAM, 12 ns, CDFP24 HIGH SPEED 256 x 4 STATIC CMOS RAM 256 X 4 STANDARD SRAM, 15 ns, CDFP24 HIGH SPEED 256 x 4 STATIC CMOS RAM 256 X 4 STANDARD SRAM, 35 ns, PDSO24 HIGH SPEED 256 x 4 STATIC CMOS RAM 256 X 4 STANDARD SRAM, 25 ns, PDIP22 HIGH SPEED 256 x 4 STATIC CMOS RAM 256 X 4 STANDARD SRAM, 25 ns, CDIP22 HIGH SPEED 256 x 4 STATIC CMOS RAM 256 X 4 STANDARD SRAM, 20 ns, PDSO24 HIGH SPEED 256 x 4 STATIC CMOS RAM 256 X 4 STANDARD SRAM, 20 ns, CDFP24 HIGH SPEED 256 x 4 STATIC CMOS RAM 256 X 4 STANDARD SRAM, 20 ns, CDIP22 HIGH SPEED 256 x 4 STATIC CMOS RAM 高速静56 × 4 CMOS存储
|
Pyramid Semiconductor Corporation Pyramid Semiconductor, Corp.
|
AM41LV3204M M410000095 M410000096 AM41LV3204MT10IT |
Stacked Multi-chip Package (MCP) 32 Mbit (4 M x 8 bit/2 M x 16-bit) Flash Memory and 4 Mbit (512K x 8-Bit/256 K x 16-Bit) Static RAM
|
SPANSION[SPANSION] AMD[Advanced Micro Devices]
|
CY62138EV30 CY62138EV30LL-45BVXI CY62138EV3009 |
2-Mbit (256K x 8) MoBL Static RAM 2-Mbit (256K x 8) MoBL庐 Static RAM 2-Mbit (256K x 8) MoBL? Static RAM 2-Mbit (256K x 8) MoBL㈢ Static RAM
|
Cypress Semiconductor
|
CY62168DV3009 CY62168DV30LL-55BVI |
16-Mbit (2M x 8) MoBL垄莽 Static RAM 16-Mbit (2M x 8) MoBL Static RAM
|
Cypress Semiconductor
|
DL161 DL163 DL164 AM42DL1644DB30IT |
Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
|
Advanced Micro Devices
|
CY7C1041CV33-12ZSXE CY7C1041CV3308 CY7C1041CV33-10 |
4-Mbit (256K x 16) Static RAM; Density: 4 Mb; Organization: 256Kb x 16; Vcc (V): 3.0 to 3.6 V; 256K X 16 STANDARD SRAM, 10 ns, PDSO44 4-Mbit (256K x 16) Static RAM
|
Cypress Semiconductor, Corp.
|
AM41PDS3224DT10IS AM41PDS3224DT100IS AM41PDS3224DT |
32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Page Mode Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
|
AMD[Advanced Micro Devices]
|
AM41PDS3224D |
32 Mbit (2 M x 16-Bit) CMOS 1.8 Volt-only. Simultaneous Operation Page Mode Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM (Preliminary) 32兆位米16位)的CMOS电压1.8只。同时采取行动,页面模式闪存兆位12x 8-Bit/256x 16位),静态存储器(初步) Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
|
Advanced Micro Devices
|